Part Number Hot Search : 
LS6106 2310A UPA27 RS601M10 N2238 MV8813 HG50089 B250A
Product Description
Full Text Search
 

To Download 2N3498U4E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t4 - lds -0 276 -2, rev . 1 (12 1224 ) ?201 2 microsemi corporation page 1 of 6 2n3498 u4 thru 2n3501 u4 available on commercial versions npn silicon transistor qualified per mil - prf - 19500/3 66 qualified levels : jan, jantx , and jantxv description this family of 2n3498 u4 through 2 n350 1 u4 epitaxial planar transistors are military qualified up to a jan txv level for high - reliability applications . these devices are also available in to - 39 and to -5 packaging. microsemi also offers numerous other transistor products to meet higher and lower power ratings with various switching speed requirements in both throug h - hole and surface - mount packages. u4 package also available in : to - 39 (to - 205ad) package ( leaded) 2n3 498 C 2n350 1 to -5 package ( long - leaded ) 2n3 498 l C 2n350 1l important: for the latest information, visit our website http://www.microsemi.com . features ? surface mount equivalent of jedec registered 2n3 498 through 2n3 50 1 number series. ? jan, jantx, and jantxv qualifications are available per mil - prf - 19500/366. (see part nomenclature for all available options.) ? rohs compliant versions available (commercial grade only). applications / benefits ? general purpose transistors for medium power applications requiring high frequency switching . ? l ow package profile. ? military and other high - reliability applications. maximum ratings msc C law rence 6 lake street, lawrence, ma 01841 tel: 1- 800 - 446 - 1158 or (978) 620 - 2600 fax: (978) 689 - 0803 msc C ireland gort road business park, ennis, co. clare, ireland tel: +353 (0) 65 6840044 fax: +353 (0) 65 6822298 website: www.microsemi.com parameters / test conditions symbol 2n3 4 98 u4 2n3499 u4 2n3 50 0 u4 2n3501 u4 unit collector - emitter voltage v ceo 10 0 1 50 v collector - base voltage v cbo 10 0 150 v emitter - base voltage v ebo 6.0 6.0 v collector current i c 500 300 ma thermal resistance junction - to - ambient r ? ja 175 o c/w thermal resi stance junction - to - case r ? jc 15 o c/w total power dissipation @ t a = +25 c (1) @ t c = + 25 c (2) p t 1 .0 4 .0 w operating & storage junction temperature range t j , t stg - 65 to +200 c notes : 1. see figure 1 . 2. see figure 2 . downloaded from: http:///
t4 - lds -0 276 -2, rev . 1 (12 1224 ) ?201 2 microsemi corporation page 2 of 6 2n3498 u4 thru 2n3501 u4 mechanical and packaging ? case: hermetically sealed, aluminum nitride (aln) ceramic body with gold over nickel pl ated kovar lid. ? terminals: gold over nickel plated surface mount terminations. ? marking: part number, date code, manufacturers id. ? polarity: see package dimensions. ? tape & reel option: standard per eia - 481d. consult factory for quantities. ? weight: 0 .125 grams (125 milligrams) . ? see p ackage d imensions on last page. part nomenclature jan 2n3 498 u4 (e3) reliability level jan = jan level jantx = jantx level jantxv = jantxv level blank = commercial jedec type number (see electrical characteristic s table) rohs comp liance e3 = rohs c ompliant ( available on commercial grade only ) blank = non - rohs c ompliant surface mount package symbols & definitions symbol definition c obo c ommon - base open - circuit output capacitance i ceo c ollector cutoff current, base open i cex c ollector cutoff current, circuit between base and emitter i ebo e mitter cutoff current, collector open h fe c ommon - emitter static forward current transfer ratio v ceo c ollector - emitter voltage, base open v cbo c ollector - emitter voltage, emitter open v ebo e mitter - base voltage, collector open downloaded from: http:///
t4 - lds -0 276 -2, rev . 1 (12 1224 ) ?201 2 microsemi corporation page 3 of 6 2n3498 u4 thru 2n3501 u4 electrical characteristics @ t a = +25 c, unless otherwise noted characteristic symbol min. max. unit of f characteristics collector - emitter breakdown voltage i c = 10 ma , pulsed 2n3498 u4 , 2n3499 u4 2n3500 u4 , 2n3501 u4 v (br) ceo 100 150 v collector - base cutoff current v cb = 50 v v cb = 75 v v cb = 10 0 v v cb = 15 0 v 2n3498 u4 , 2n3499 u4 2n3500 u4 , 2n3501 u4 2n3498 u4 , 2n3499 u4 2n3500 u4 , 2n3501 u4 i cbo 50 50 10 10 na na a a e mitter -base cutoff current v eb = 4. 0 v v eb = 6. 0 v i ebo 25 10 na a on characteristic s (1) forward - current transfer ratio i c = 0. 1 ma , v ce = 10 v i c = 1. 0 ma , v ce = 10 v i c = 10 ma , v ce = 10 v i c = 15 0 ma , v ce = 10 v i c = 30 0 ma , v ce = 10 v i c = 50 0 ma , v ce = 10 v 2n3498 u4 , 2n3500 u4 2n3499 u4 , 2n3501 u4 2n3498 u4 , 2n3500 u4 2n3499 u4 , 2n3501 u4 2n3498 u4 , 2n3500 u4 2n3499 u4 , 2n3501 u4 2n3498 u4 , 2n3500 u4 2n3499 u4 , 2n3501 u4 2n3500 u4 2n3501 u4 2n3498 u4 2n3499 u4 h fe 20 35 25 50 35 75 40 100 15 20 15 20 120 300 collector - emitter sa turation voltage i c = 10 ma , i b = 1. 0 ma i c = 30 0 ma , i b = 30 ma i c = 15 0 ma , i b = 15 ma all types 2n3498 u4 , 2n3499 u4 2n3500 u4 , 2n3501 u4 v ce(sat) 0.2 0.6 0.4 v base- emitter saturation voltage i c = 10 ma , i b = 1. 0 ma i c = 30 0 ma , i b = 30 ma i c = 15 0 ma, i b = 15 ma all types 2n3498 u4 , 2n3499 u4 2n3500 u4 , 2n3501 u4 v be(sat) 0.8 1.4 1.2 v dynami c characteristics forward current transfer ratio, magnitude i c = 20 ma , v ce = 20 v, f = 10 0 mhz |h fe | 1.5 8.0 output capacitance v cb = 10 v, i e = 0, 10 0 kh z < f < 1.0 mhz 2n3498 u4 , 2n3499 u4 2n3500 u4 , 2n3501 u4 c obo 10 8.0 pf inpu t capacitance v eb = 0. 5 v, i c = 0, 10 0 kh z < f < 1.0 mhz c ibo 80 pf (1) pulse test: p ulse w idth = 300 s, d ut y c ycl e < 2.0%. downloaded from: http:///
t4 - lds -0 276 -2, rev . 1 (12 1224 ) ?201 2 microsemi corporation page 4 of 6 2n3498 u4 thru 2n3501 u4 electrical characteristics @ t a = +25 c, un less otherwise noted switchin g characteristics characteristic symbol min. max. unit turn -on time v eb = 5 v; i c = 15 0 ma ; i b1 = 15 ma t on 115 ns turn - of f time i c = 15 0 ma ; i b1 = i b2 = - 15 ma t off 1150 ns saf e operatin g area (see soa figure and reference mil - std - 750 method 3053 ) dc tests t c = +25 o c, t r > 10 ns; 1 cycle , t = 1. 0 s test 1 v ce = 10 v, i c = 50 0 ma 2n3498 u4 , 2n3499 u4 v ce = 16.6 7 v, i c = 30 0 ma 2n3500 u4 , 2n3501 u4 test 2 v ce = 50 v, i c = 10 0 ma al l types test 3 v ce = 80 v, i c = 40 ma al l types clamped switching t a = +25 o c test 1 i b = 85 ma , i c = 50 0 ma 2n3498 u4 , 2n3499 u4 i b = 50 ma , i c = 30 0 ma 2n3500 u4 , 2n3501 u4 v ce collector to emitter voltage (volts) maximum s afe o perating a rea i c collector current (milliamperes) downloaded from: http:///
t4 - lds -0 276 -2, rev . 1 (12 1224 ) ?201 2 microsemi corporation page 5 of 6 2n3498 u4 thru 2n3501 u4 grap hs t c (c) (case) figure 1 derating for all devices (r jc ) time (s) figure 2 thermal i mpedance g raph (r jc ) dc operation maximum rating (w) theta ( o c/w) downloaded from: http:///
t4 - lds -0 276 -2, rev . 1 (12 1224 ) ?201 2 microsemi corporation page 6 of 6 2n3498 u4 thru 2n3501 u4 package dimensions notes: 1. dimensions are in inches. 2. millimeter equivalents are given for general informat ion only. 3. in accordance with asme y14.5m, diameters are equivalent to x symbology. dimensions ltr inch millimeters min max min max bl 0.215 0.225 5.46 5.72 bw 0.145 0.155 3.68 3.94 ch 0.049 0.075 1.24 1.91 lh 0.0 2 0.51 lw1 0.135 0.145 3.43 3.68 lw2 0.047 0.057 1.19 1.45 ll1 0.085 0.125 2.16 3.1 8 ll2 0.045 0.0 75 1.14 1. 91 ls1 0.070 0.095 1.78 2.41 ls2 0.035 0.048 0.89 1.2 2 q1 0.03 0 0.070 0.76 1.78 q2 0.02 0 0.035 0.51 0.8 9 terminal 1 collector 2 base 3 emitter downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2N3498U4E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X